PART |
Description |
Maker |
AD8522 AD8522AN AD8522AR |
5 Volt/ Serial Input/ Dual 12-Bit DAC 5 Volt, Serial Input, Dual 12-Bit DAC
|
AD[Analog Devices]
|
GS8320Z36GT-166 GS8320Z18GT-166 GS8320Z36GT-225 GS |
1 MEGABIT SERIAL CONFIGURATION PROM 流水线和流量分配36MB通过同步唑的SRAM 1 MEGABIT 3.3 VOLT SERIAL CONFIGURATION 流水线和流量分配36MB通过同步唑的SRAM 36Mb Pipelined and Flow Through Synchronous NBT SRAM 流水线和流量分配36MB通过同步唑的SRAM Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 256K 3.3 VOLT SERIAL CONFIGURATION PROM 128K SERIAL CONFIGURATION PROM
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
AT26DF041 AT26DF041-MU AT26DF041-SU |
4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R
|
ATMEL Corporation
|
MC54HC597J MC74HC597D MC74HC597N ON1488 MC74HC597 |
From old datasheet system 8-Bit Serial or Parallel-Input/Serial-Output Shift Register with Input Latch
|
Motorola, Inc
|
AT45DCB008 AT45DCB002 AT45DCB004 |
8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards 32M X 1 FLASH 2.7V PROM CARD, XMA7 8M byte, 4MB byte, 2M byte, 2.7-Volt Only, Serial Interface DataFlash Cards From old datasheet system 8M byte, 4M byte, 2M byte, 2.7-Volt Only, Serial Interface DataFlash Cards
|
Atmel, Corp. Atmel Corp.
|
A6818SA A6818EEP A6818EA 6818 A6818SEP |
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% DABiC-IV/ 32-BIT SERIAL-INPUT/ LATCHED SOURCE DRIVER DABiC-IV 32-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
AT45D021-TC AT45D021-JC AT45D021-JI AT45D021-TI AT |
2-Megabit 5-volt Only Serial DataFlash 2-Megabit 5-volt Only Serial DataFlash 2M X 1 FLASH 5V PROM, PDSO28
|
ATMEL Corporation Amphenol, Corp. Atmel Corp.
|
RT9266 RT9266CE |
Tiny Package, High Efficiency, Step-up DC/DC Converter Input Volt. Range(V) = 1~6.5 ;; Output Volt. Range(V) = Adjustable ;;
|
RICHTEK
|
SL74HC595 SL74HC595D SL74HC595N HC595 SL74HC |
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs SPECIAL ORDER Domestic Power Source, Wall Plug-In, Input Voltage (AC) 120, Output 13.5 Volts DC Unregulated, 1.7 A
|
System Logic Semiconduc... SLS[System Logic Semiconductor] System Logic Semiconductor Co., Ltd.
|
MC74HC165AN MC74HC165A MC74HC165AD MC74HC165ADR2 M |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS 8-Bit Serial or Parallel-Input/Serial-Output Shift Register
|
ONSEMI[ON Semiconductor]
|
LTC1595 LTC1595BCS LTC1596-1CCN LTC1596BIN LTC1596 |
Serial 16-Bit Multiplying DACs Serial 16-Bit Multiplying DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP8 Serial 16-Bit Multiplying DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP16 8-Bit, 40 kSPS ADC Serial-Out, On-Chip 12-Ch. Analog Mux, 11 Ch. 20-PDIP From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
FM-704A/883 |
EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
|
Standard Power
|